Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 493 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 489Page - Renesas Technology Corp H8S/2454 Datasheet HTML 490Page - Renesas Technology Corp H8S/2454 Datasheet HTML 491Page - Renesas Technology Corp H8S/2454 Datasheet HTML 492Page - Renesas Technology Corp H8S/2454 Datasheet HTML 493Page - Renesas Technology Corp H8S/2454 Datasheet HTML 494Page - Renesas Technology Corp H8S/2454 Datasheet HTML 495Page - Renesas Technology Corp H8S/2454 Datasheet HTML 496Page - Renesas Technology Corp H8S/2454 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 1376 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 463 of 1342
REJ09B0467-0100
9.2
Register Descriptions
DTC has the following registers.
•
DTC mode register A (MRA)
•
DTC mode register B (MRB)
•
DTC source address register (SAR)
•
DTC destination address register (DAR)
•
DTC transfer count register A (CRA)
•
DTC transfer count register B (CRB)
These six registers cannot be directly accessed from the CPU. When activated, the DTC reads a
set of register information that is stored in an on-chip RAM to the corresponding DTC registers
and transfers data. After the data transfer, it writes a set of updated register information back to the
RAM.
•
DTC enable registers A to I (DTCERA to DTCERI)
•
DTC vector register (DTVECR)
•
DTC control register (DTCCR)
9.2.1
DTC Mode Register A (MRA)
MRA selects the DTC operating mode.
Bit
Bit Name
Initial Value
R/W
Description
7
6
SM1
SM0
Undefined
Undefined
—
—
Source Address Mode 1 and 0
These bits specify an SAR operation after a data
transfer.
0
×: SAR is fixed
10: SAR is incremented after a transfer
(by +1 when Sz = 0; by +2 when Sz = 1)
11: SAR is decremented after a transfer
(by –1 when Sz = 0; by –2 when Sz = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com