Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 108 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 104Page - Renesas Technology Corp H8S/2454 Datasheet HTML 105Page - Renesas Technology Corp H8S/2454 Datasheet HTML 106Page - Renesas Technology Corp H8S/2454 Datasheet HTML 107Page - Renesas Technology Corp H8S/2454 Datasheet HTML 108Page - Renesas Technology Corp H8S/2454 Datasheet HTML 109Page - Renesas Technology Corp H8S/2454 Datasheet HTML 110Page - Renesas Technology Corp H8S/2454 Datasheet HTML 111Page - Renesas Technology Corp H8S/2454 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1376 page
background image
Section 2 CPU
Rev. 1.00 Sep. 19, 2008 Page 78 of 1342
REJ09B0467-0100
2.9
Usage Note
2.9.1
Usage Notes on Bit-wise Operation Instructions
The BSET, BCLR, BNOT, BST, and BIST instructions are used to read data in byte-wise, operate
the data in bit-wise, and write the result of the bit-wise operation in bit-wise again. Therefore,
special care is necessary to use these instructions for the registers and the ports that include write-
only bit.
The BCLR instruction can be used to clear the flags in the internal I/O registers to 0. In this time,
if it is obvious that the flag has been set to 1 in the interrupt handler, there is no need to read the
flag beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More