Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 185 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 181Page - Renesas Technology Corp H8S/2454 Datasheet HTML 182Page - Renesas Technology Corp H8S/2454 Datasheet HTML 183Page - Renesas Technology Corp H8S/2454 Datasheet HTML 184Page - Renesas Technology Corp H8S/2454 Datasheet HTML 185Page - Renesas Technology Corp H8S/2454 Datasheet HTML 186Page - Renesas Technology Corp H8S/2454 Datasheet HTML 187Page - Renesas Technology Corp H8S/2454 Datasheet HTML 188Page - Renesas Technology Corp H8S/2454 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 155 of 1342
REJ09B0467-0100
6.3.3
Wait Control Registers AH, AL, BH, and BL (WTCRAH, WTCRAL, WTCRBH,
and WTCRBL)
WTCRA and WTCRB select the number of program wait states for each area in the external
address space.
In addition, CAS latency is set when a synchronous DRAM is connected.
• WTCRAH
Bit
Bit Name
Initial Value
R/W
Description
15
—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.
14
13
12
W72
W71
W70
1
1
1
R/W
R/W
R/W
Area 7 Wait Control 2 to 0
These bits select the number of program wait
states when accessing area 7 while AST7 bit in
ASTCR = 1.
000: Program wait not inserted
001: 1 program wait state inserted
010: 2 program wait states inserted
011: 3 program wait states inserted
100: 4 program wait states inserted
101: 5 program wait states inserted
110: 6 program wait states inserted
111: 7 program wait states inserted
11
—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com