Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 195 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 191Page - Renesas Technology Corp H8S/2454 Datasheet HTML 192Page - Renesas Technology Corp H8S/2454 Datasheet HTML 193Page - Renesas Technology Corp H8S/2454 Datasheet HTML 194Page - Renesas Technology Corp H8S/2454 Datasheet HTML 195Page - Renesas Technology Corp H8S/2454 Datasheet HTML 196Page - Renesas Technology Corp H8S/2454 Datasheet HTML 197Page - Renesas Technology Corp H8S/2454 Datasheet HTML 198Page - Renesas Technology Corp H8S/2454 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 165 of 1342
REJ09B0467-0100
6.3.6
Area 0 Burst ROM Interface Control Register (BROMCRH)
Area 1 Burst ROM Interface Control Register (BROMCRL)
BROMCRH and BROMCRL are used to make burst ROM interface settings. Area 0 and area 1
burst ROM interface settings can be made independently in BROMCRH and BROMCRL,
respectively.
Bit
Bit Name
Initial Value
R/W
Description
7
BSRMn
0
R/W
Burst ROM Interface Select
Selects the basic bus interface or burst ROM
interface.
0: Basic bus interface space
1: Burst ROM interface space
6
5
4
BSTSn2
BSTSn1
BSTSn0
0
0
0
R/W
R/W
R/W
Burst Cycle Select
These bits select the number of burst cycle states.
000: 1 state
001: 2 states
010: 3 states
011: 4 states
100: 5 states
101: 6 states
110: 7 states
111: 8 states
3
2
—
—
0
0
R/W
R/W
Reserved
These bits are always read as 0. The initial value
should not be changed.
1
0
BSWDn1
BSWDn0
0
0
R/W
R/W
Burst Word Number Select
These bits select the number of words that can be
burst-accessed on the burst ROM interface.
00: Maximum 4 words
01: Maximum 8 words
10: Maximum 16 words
11: Maximum 32 words
(n = 1 or 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com