Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 216 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 212Page - Renesas Technology Corp H8S/2454 Datasheet HTML 213Page - Renesas Technology Corp H8S/2454 Datasheet HTML 214Page - Renesas Technology Corp H8S/2454 Datasheet HTML 215Page - Renesas Technology Corp H8S/2454 Datasheet HTML 216Page - Renesas Technology Corp H8S/2454 Datasheet HTML 217Page - Renesas Technology Corp H8S/2454 Datasheet HTML 218Page - Renesas Technology Corp H8S/2454 Datasheet HTML 219Page - Renesas Technology Corp H8S/2454 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 186 of 1342
REJ09B0467-0100
Table 6.2
Bus Specifications for Each Area (Basic Bus Interface)
ABWCR
ASTCR
WTCRA, WTCRB
Bus Specifications (Basic Bus Interface)
ABWn
ASTn
Wn2
Wn1
Wn0
Bus Width
Access
States
Program Wait
States
0
0
16
2
0
1
0
0
0
3
0
1
1
1
0
2
1
3
1
0
0
4
1
5
1
0
6
1
7
1
0
8
2
0
1
0
0
0
3
0
1
1
1
0
2
1
3
1
0
0
4
1
5
1
0
6
1
7
(n = 0 to 7)
(4) Read Strobe Timing
RDNCR can be used to select either of two negation timings (at the end of the read cycle or one
half-state before the end of the read cycle) for the read strobe (
RD) used in the basic bus interface
space.
(5) Chip Select (
CS) Assertion Period Extension States
Some external I/O devices require a setup time and hold time between address and
CS signals and
strobe signals such as
RD, HWR, and LWR. CSACR can be used to insert states in which only the
CS, AS, and address signals are asserted before and after a basic bus space access cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com