Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 231 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 227Page - Renesas Technology Corp H8S/2454 Datasheet HTML 228Page - Renesas Technology Corp H8S/2454 Datasheet HTML 229Page - Renesas Technology Corp H8S/2454 Datasheet HTML 230Page - Renesas Technology Corp H8S/2454 Datasheet HTML 231Page - Renesas Technology Corp H8S/2454 Datasheet HTML 232Page - Renesas Technology Corp H8S/2454 Datasheet HTML 233Page - Renesas Technology Corp H8S/2454 Datasheet HTML 234Page - Renesas Technology Corp H8S/2454 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 201 of 1342
REJ09B0467-0100
By program wait
T1
Address bus
φ
AS
RD
Data bus
Read data
Read
HWR, LWR
Write data
Write
WAIT
Data bus
T2
Tw
Tw
Tw
T3
By
WAIT pin
Notes: 1. Downward arrows indicate the timing of
WAIT pin sampling.
2. When RDNn = 0
Figure 6.18 Example of Wait State Insertion Timing
6.5.5
Read Strobe (
RD) Timing
The read strobe (
RD) timing can be changed for individual areas by setting bits RDN7 to RDN0 to
1 in RDNCR. Figure 6.19 shows an example of the timing when the read strobe timing is changed
in basic bus 3-state access space.
When the DMAC or EXDMAC is used in single address mode, note that if the
RD timing is
changed by setting RDNn to 1, the
RD timing will change relative to the rise of DACK or
EDACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More