| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2454 Datasheet(PDF) 238 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 Datasheet(HTML) 238 Page - Renesas Technology Corp |
|
238 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 208 of 1342 REJ09B0467-0100 (3) 16-Bit, 2-State Data Access Space Figures 6.23 to 6.25 show bus timings for a 16-bit, 2-state data access space. When a 16-bit access space is accessed, the entire address bus (D15 to D0) is used for all addresses, and the upper half (D15 to D8) of the data bus is used for even addresses and the lower half (D7 to D0) of the data bus is used for odd addresses. Wait states cannot be inserted in the data cycle. CSn AH RD HWR LWR D15 to D8 D7 to D0 D15 to D8 D7 to D0 Tma1 Tma2 T1 T2 Address cycle Data cycle φ Address bus Write Read Address Address Read data Write data Notes: 1. n = 6, 7 2. When RDNn = 0 Address Address Figure 6.23 Bus Timing for 16-Bit, 2-State Data Access Space (Even Address Byte Access) |