Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 253 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 249Page - Renesas Technology Corp H8S/2454 Datasheet HTML 250Page - Renesas Technology Corp H8S/2454 Datasheet HTML 251Page - Renesas Technology Corp H8S/2454 Datasheet HTML 252Page - Renesas Technology Corp H8S/2454 Datasheet HTML 253Page - Renesas Technology Corp H8S/2454 Datasheet HTML 254Page - Renesas Technology Corp H8S/2454 Datasheet HTML 255Page - Renesas Technology Corp H8S/2454 Datasheet HTML 256Page - Renesas Technology Corp H8S/2454 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 223 of 1342
REJ09B0467-0100
Tp
RASn (CSn)
Read
Write
UCAS, LCAS
WE (HWR)
OE (RD)
Data bus
WE (HWR)
OE (RD)
Data bus
Address bus
φ
Tr
Tc1
Tc2
Tc3
Row address
Column address
High
High
Note: n = 2 to 5
Figure 6.34 Example of Access Timing with 3-State Column Address Output Cycle
(RAST = 0)
6.7.7
Row Address Output State Control
If the RAST bit is set to 1 in DRAMCR, the
RAS signal goes low from the beginning of the T
r
state, and the row address hold time and DRAM read access time are changed relative to the fall of
the
RAS signal. Use the optimum setting according to the DRAM connected and the operating
frequency of this LSI. Figure 6.35 shows an example of the timing when the
RAS signal goes low
from the beginning of the T
r state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More