Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 274 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 270Page - Renesas Technology Corp H8S/2454 Datasheet HTML 271Page - Renesas Technology Corp H8S/2454 Datasheet HTML 272Page - Renesas Technology Corp H8S/2454 Datasheet HTML 273Page - Renesas Technology Corp H8S/2454 Datasheet HTML 274Page - Renesas Technology Corp H8S/2454 Datasheet HTML 275Page - Renesas Technology Corp H8S/2454 Datasheet HTML 276Page - Renesas Technology Corp H8S/2454 Datasheet HTML 277Page - Renesas Technology Corp H8S/2454 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 244 of 1342
REJ09B0467-0100
(2) When DDS = 0 or EDDS = 0
When DRAM space is accessed in DMAC or EXDMAC single address transfer mode, full access
(normal access) is always performed. With the DRAM interface, the
DACK or EDACK output
goes low from the T
r state.
In modes other than DMAC or EXDMAC single address transfer mode, burst access can be used
when accessing DRAM space.
Figure 6.54 shows the
DACK or EDACK output timing for the DRAM interface when DDS = 0 or
EDDS = 0.
Tp
RASn (CSn)
Read
Write
UCAS, LCAS
WE (HWR)
OE (RD)
Data bus
WE (HWR)
OE (RD)
Data bus
DACK or EDACK
Address bus
φ
Tr
Tc1
Tc2
Note: n = 2 to 5
Tc3
Row address
Column address
High
High
Figure 6.54 Example of
DACK/EDACK Output Timing when DDS = 0 or EDDS = 0
(RAST = 0, CAST = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More