| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2454 Datasheet(PDF) 305 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 Datasheet(HTML) 305 Page - Renesas Technology Corp |
|
305 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 275 of 1342 REJ09B0467-0100 (2) Read Data Extension If the CKSPE bit is set to 1 in DRACCR when the continuous synchronous DRAM space is read- accessed in DMAC/EXDMAC single address mode, the establishment time for the read data can be extended by clock suspend mode. The number of states for insertion of the read data extension cycle (Tsp) is set in bits RDXC1 and RDXC0 in DRACCR. Be sure to set the OEE bit to 1 in DRAMCR when the read data will be extended. The extension of the read data is not in accordance with the bits DDS and EDDS. Figure 6.74 shows the timing chart when the read data is extended by two cycles. Address bus φ SDRAM φ Column address Row address Row address Column address Data bus Tp Tr Tc2 Tcl Tsp2 Tsp1 Tc1 RAS CAS WE CKE PALL ACTV NOP READ DQMU, DQML DACK or EDACK Precharge-sel Figure 6.74 Example of Timing when the Read Data Is Extended by Two States (DDS = 1, or EDDS = 1, RDXC1 = 0, RDXC0 = 1, CAS Latency 2) |