| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2454 Datasheet(PDF) 310 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 Datasheet(HTML) 310 Page - Renesas Technology Corp |
|
310 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 280 of 1342 REJ09B0467-0100 (2) Write after Read If an external write occurs after an external read while the ICIS0 bit is set to 1 in BCR, an idle cycle is inserted at the start of the write cycle. Figure 6.78 shows an example of the operation in this case. In this example, bus cycle A is a read cycle for ROM with a long output floating time, and bus cycle B is a CPU write cycle. In (a), an idle cycle is not inserted, and a collision occurs in bus cycle B between the read data from ROM and the CPU write data. In (b), an idle cycle is inserted, and a data collision is prevented. T1 Address bus φ RD Bus cycle A Data bus T2 T3 T1 T2 Bus cycle B Long output floating time Data collision (a) No idle cycle insertion (ICIS0 = 0) T1 Address bus φ RD Bus cycle A Data bus T2 T3 T1 Bus cycle B (b) Idle cycle insertion (ICIS0 = 1, initial value) T2 HWR HWR CS (area A) CS (area B) CS (area A) CS (area B) Idle cycle Ti Figure 6.78 Example of Idle Cycle Operation (Write after Read) |