| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2454 Datasheet(PDF) 315 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 Datasheet(HTML) 315 Page - Renesas Technology Corp |
|
315 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 285 of 1342 REJ09B0467-0100 (6) Idle Cycle in Case of Continuous Synchronous DRAM Space Access after Normal Space Access In a continuous synchronous DRAM space access following a normal space access, the settings of bits ICIS2, ICIS1, ICIS0, and IDLC in BCR are valid. However, in the case of consecutive reads in different areas, for example, if the second read is a full access to continuous synchronous DRAM space, only Tp cycle is inserted, and Ti cycle is not. The timing in this case is shown in figure 6.84. Note: The synchronous DRAM interface is not supported by the H8S/2456 Group and H8S/2454 Group. T1 Address bus φ Column address Row address Row address Column address Data bus T2 T3 Tp Tr Tc2 External space read Synchronous DRAM space read Tcl Tc1 RAS CAS WE RD CKE PALL ACTV NOP NOP READ DQMU, DQML Precharge-sel Figure 6.84 Example of Synchronous DRAM Full Access after External Read (CAS Latency 2) |