Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 323 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 319Page - Renesas Technology Corp H8S/2454 Datasheet HTML 320Page - Renesas Technology Corp H8S/2454 Datasheet HTML 321Page - Renesas Technology Corp H8S/2454 Datasheet HTML 322Page - Renesas Technology Corp H8S/2454 Datasheet HTML 323Page - Renesas Technology Corp H8S/2454 Datasheet HTML 324Page - Renesas Technology Corp H8S/2454 Datasheet HTML 325Page - Renesas Technology Corp H8S/2454 Datasheet HTML 326Page - Renesas Technology Corp H8S/2454 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 293 of 1342
REJ09B0467-0100
(b) Normal space access after a continuous synchronous DRAM space write access
If a normal space read cycle occurs after a continuous synchronous DRAM space write access
while the ICIS2 bit is set to 1 in BCR, idle cycle is inserted at the start of the read cycle. The
number of states of the idle cycle to be inserted is in accordance with the setting of bit IDLC.
It is not in accordance with the DRMI bit in DRACCR.
Figure 6.92 shows an example of idle cycle operation when the ICIS2 bit is set to 1.
Tp
Address bus
Idle cycle
Data bus
Tr
Tc1
Tc2
T3
Tc1
Continuous synchronous
DRAM space write
External address space read
Synchronous
DRAM space read
T2
Ti
T1
RAS
CAS
WE
RD
HWR, LWR
CKE
High
PALL
ACTV
NOP WRIT
NOP
NOP
READ
DQMU, DQML
TCl
Tc2
Precharge-sel
φ
External address
External address
Column
address
Column address 2
Row
address
Row
address
Column
address
Figure 6.92 Example of Idle Cycle Operation after Continuous Synchronous DRAM Space
Write Access (IDLC = 0, ICIS1 = 0, SDWCD = 1, CAS Latency 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More