Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 337 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 333Page - Renesas Technology Corp H8S/2111B Datasheet HTML 334Page - Renesas Technology Corp H8S/2111B Datasheet HTML 335Page - Renesas Technology Corp H8S/2111B Datasheet HTML 336Page - Renesas Technology Corp H8S/2111B Datasheet HTML 337Page - Renesas Technology Corp H8S/2111B Datasheet HTML 338Page - Renesas Technology Corp H8S/2111B Datasheet HTML 339Page - Renesas Technology Corp H8S/2111B Datasheet HTML 340Page - Renesas Technology Corp H8S/2111B Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 582 page
background image
Rev. 1.00, 05/04, page 303 of 544
Bit
Bit Name
Initial
Value
R/W
Description
5
ICDRF
0
R
Receive Data Read Request Flag
Indicates the ICDR (ICDRR) status in receive mode.
0: Indicates that the data has been already read from
ICDR (ICDRR) or ICDR is initialized.
1: Indicates that data has been received successfully
and transferred from ICDRS to ICDRR, and the data
is ready to be read out.
[Setting conditions]
• When data is received successfully and transferred
from ICDRS to ICDRR.
(1) When data is received successfully while ICDRF =
0 (at the rise of the 9th clock pulse).
(2) When ICDR is read successfully in receive mode
after data was received while ICDRF = 1.
[Clearing conditions]
• When ICDR (ICDRR) is read.
• When 0 is written to the ICE bit.
• When the IIC is internally initialized using the CLR3
to CLR0 bits in DDCSWR.
When ICDRF is set due to the condition (2) above,
ICDRF is temporarily cleared to 0 when ICDR (ICDRR)
is read; however, since data is transferred from ICDRS
to ICDRR immediately, ICDRF is set to 1 again.
Note that ICDR cannot be read successfully in transmit
mode (TRS = 1) because data is not transferred from
ICDRS to ICDRR. Be sure to read data from ICDR in
receive mode (TRS = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com