Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 341 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 337Page - Renesas Technology Corp H8S/2111B Datasheet HTML 338Page - Renesas Technology Corp H8S/2111B Datasheet HTML 339Page - Renesas Technology Corp H8S/2111B Datasheet HTML 340Page - Renesas Technology Corp H8S/2111B Datasheet HTML 341Page - Renesas Technology Corp H8S/2111B Datasheet HTML 342Page - Renesas Technology Corp H8S/2111B Datasheet HTML 343Page - Renesas Technology Corp H8S/2111B Datasheet HTML 344Page - Renesas Technology Corp H8S/2111B Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 582 page
background image
Rev. 1.00, 05/04, page 307 of 544
13.4
Operation
The I
2C bus interface has an I2C bus format and a serial format.
13.4.1
I
2C Bus Data Format
The I
2C bus format is an addressing format with an acknowledge bit. This is shown in figure 13.3.
The first frame following a start condition always consists of 9 bits.
The serial format is a non-addressing format with no acknowledge bit. This is shown in
figure 13.4.
Figure 13.5 shows the I
2C bus timing.
The symbols used in figures 13.3 to 13.5 are explained in table 13.6.
SA
SLA
7n
R/
W
DATA
A
1
1m
11
1
A/
A
1
P
1
Transfer bit count
(n = 1 to 8)
Transfer frame count
(m
≥ 1)
S
SLA
7n1
7
R/
W
A
DATA
11
1m1
1
A/
A
1
S
1
SLA
R/
W
1
1m2
A
1
DATA
n2
A/
A
1
P
1
(a) FS = 0 or FSX = 0
(b) Start condition retransmission FS = 0 or FSX = 0
Upper row: Transfer bit count (n1, n2 = 1 to 8)
Lower row: Transfer frame count (m1, m2
≥ 1)
Figure 13.3 I
2C Bus Data Format (I2C Bus Format)
S
DATA
8n
DATA
1
1m
P
1
FS = 1 and FSX = 1
Transfer bit count
(n = 1 to 8)
Transfer frame count
(m
≥ 1)
Figure 13.4 I
2C Bus Data Format (Serial Format)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com