Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 340 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 336Page - Renesas Technology Corp H8S/2111B Datasheet HTML 337Page - Renesas Technology Corp H8S/2111B Datasheet HTML 338Page - Renesas Technology Corp H8S/2111B Datasheet HTML 339Page - Renesas Technology Corp H8S/2111B Datasheet HTML 340Page - Renesas Technology Corp H8S/2111B Datasheet HTML 341Page - Renesas Technology Corp H8S/2111B Datasheet HTML 342Page - Renesas Technology Corp H8S/2111B Datasheet HTML 343Page - Renesas Technology Corp H8S/2111B Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 582 page
background image
Rev. 1.00, 05/04, page 306 of 544
13.3.9
Port G Control Register (PGCTL)
PGCTL selects the input/output pin for IIC.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
IIC1BS
IIC1AS
0
0
R/W
R/W
IIC_1 Input/Output Select B, A
Selects input/output pins for IIC_1 channel
IIC1BS
IIC1AS
0
0:
Selects P42/SDA1 and P86/SCL1
as IIC_1 I/O pins
0
1:
Selects PG4/ExSDAA and
PG5/ExSCLA as IIC_1 I/O pins*
1
1
0:
Selects PG6/ExSDAB and
PG7/ExSCLB as IIC_1 I/O pins*
1
1
1:
Setting prohibited*
2
4, 5
All 0
R/W
Reserved
The initial value should not be changed.
3
2
IIC0BS
IIC0AS
0
0
R/W
R/W
IIC_0 Input/Output Select B, A
Selects input/output pins for IIC_1 channel
IIC0BS IIC0AS
0
0:
Selects P97/SDA0 and P52/SCL0
as IIC_0 I/O pins
0
1:
Selects PG4/ExSDAA and
PG5/ExSCLA as IIC_0 I/O pins*
1
1
0:
Selects PG6/ExSDAB and
PG7/ExSCLB as IIC_0 I/O pins*
1
1
1:
Setting prohibited*
2
1, 0
All 0
R/W
Reserved
The initial value should not be changed.
Notes: 1. The program development tool (emulator) does not support this function.
2. If multiple pins are selected as the serial clock I/O pin or serial data I/O pin for each
channel, the operation is not guaranteed. If a single pin is selected for both channels at
the same time, the operation is not guaranteed. When pins are switched, the I
2C bus
must be free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com