Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 344 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 340Page - Renesas Technology Corp H8S/2111B Datasheet HTML 341Page - Renesas Technology Corp H8S/2111B Datasheet HTML 342Page - Renesas Technology Corp H8S/2111B Datasheet HTML 343Page - Renesas Technology Corp H8S/2111B Datasheet HTML 344Page - Renesas Technology Corp H8S/2111B Datasheet HTML 345Page - Renesas Technology Corp H8S/2111B Datasheet HTML 346Page - Renesas Technology Corp H8S/2111B Datasheet HTML 347Page - Renesas Technology Corp H8S/2111B Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 582 page
background image
Rev. 1.00, 05/04, page 310 of 544
Start
Initialize IIC
Set MST = 1 and
TRS = 1 in ICCR
Set BBSY =1 and
SCP = 0 in ICCR
Write transmit data in ICDR
Clear IRIC flag in ICCR
No
No
Yes
Yes
Yes
Yes
No
No
[1] Initialization
[3] Select master transmit mode.
[4] Start condition issuance
[6] Set transmit data for the first byte
(slave address + R/
W).
(After writing to ICDR, clear IRIC flag
continuously.)
[9] Set transmit data for the second and
subsequent bytes.
(After writing to ICDR, clear IRIC flag
continuously.)
[2] Test the status of the SCL and SDA lines.
[7] Wait for 1 byte to be transmitted.
[10] Wait for 1 byte to be transmitted.
[11] Determine end of tranfer
[12] Stop condition issuance
[8] Test the acknowledge bit
transferred from the slave device.
[5] Wait for a start condition generation
Read IRIC flag in ICCR
Read ACKB bit in ICSR
IRIC = 1?
ACKB = 0?
Transmit mode?
Write transmit data in ICDR
Clear IRIC flag in ICCR
Read IRIC flag in ICCR
Read ACKB bit in ICSR
Clear IRIC flag in ICCR
End of transmission?
or ACKB = 1?
Set BBSY = 0 and
SCP = 0 in ICCR
End
Read BBSY flag in ICCR
BBSY = 0?
Yes
No
Read IRIC flag in ICCR
IRIC = 1?
Yes
No
Yes
No
IRIC = 1?
Master receive mode
Figure 13.7 Sample Flowchart for Operations in Master Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com