Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 348 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 344Page - Renesas Technology Corp H8S/2111B Datasheet HTML 345Page - Renesas Technology Corp H8S/2111B Datasheet HTML 346Page - Renesas Technology Corp H8S/2111B Datasheet HTML 347Page - Renesas Technology Corp H8S/2111B Datasheet HTML 348Page - Renesas Technology Corp H8S/2111B Datasheet HTML 349Page - Renesas Technology Corp H8S/2111B Datasheet HTML 350Page - Renesas Technology Corp H8S/2111B Datasheet HTML 351Page - Renesas Technology Corp H8S/2111B Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 582 page
background image
Rev. 1.00, 05/04, page 314 of 544
13.4.4
Master Receive Operation
In I
2C bus format master receive mode, the master device outputs the receive clock, receives data,
and returns an acknowledge signal. The slave device transmits data.
The master device transmits data containing the slave address and R/
W (1: read) in the first frame
following the start condition issuance in master transmit mode, selects the slave device, and then
switches the mode for receive operation.
Receive Operation Using the HNDS Function (HNDS = 1):
Figure 13.10 shows the sample flowchart for the operations in master receive mode (HNDS = 1).
End
Set TRS = 0 in ICCR
Set ACKB = 1 in ICSR
Read IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Set HNDS = 1 in ICXR
Set BBSY = 0 and
SCP = 0 in ICCR
IRIC = 1?
No
Yes
Yes
Read ICDR
No
[4] Clear IRIC flag.
[1] Select receive mode.
[2] Start receiving. The first read is a dummy read.
[5] Read the receive data (for the second and subsequent read)
[3] Wait for 1 byte to be received.
(Set IRIC at the rise of the 9th clock for the receive frame)
[6] Set acknowledge data for the last reception.
[10] Read the receive data.
[9] Clear IRIC flag.
[7] Read the receive data.
Dummy read to start receiving if the first frame is
the last receive data.
[11] Set stop condition issuance.
Generate stop condition.
Master receive mode
Read IRIC flag in ICCR
IRIC = 1?
No
Yes
[8] Wait for 1 byte to be received.
Set ACKB = 0 in ICSR
Is next
receive the last one?
Last receive?
Read ICDR
Read ICDR
Set TRS = 1 in ICCR
Figure 13.10 Sample Flowchart for Operations in Master Receive Mode
(HNDS = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com