Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 351 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 347Page - Renesas Technology Corp H8S/2111B Datasheet HTML 348Page - Renesas Technology Corp H8S/2111B Datasheet HTML 349Page - Renesas Technology Corp H8S/2111B Datasheet HTML 350Page - Renesas Technology Corp H8S/2111B Datasheet HTML 351Page - Renesas Technology Corp H8S/2111B Datasheet HTML 352Page - Renesas Technology Corp H8S/2111B Datasheet HTML 353Page - Renesas Technology Corp H8S/2111B Datasheet HTML 354Page - Renesas Technology Corp H8S/2111B Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 582 page
background image
Rev. 1.00, 05/04, page 317 of 544
Receive Operation Using the Wait Function:
Figures 13.13 and 13.14 show the sample flowcharts for the operations in master receive mode
(WAIT = 1).
Set TRS = 0 in ICCR
Set ACKB = 0 in ICSR
Set WAIT = 1 in ICMR
Yes
Yes
Yes
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Read IRIC flag in ICCR
Is next
receive the last one?
Last receive?
IRIC = 1?
IRTR = 1?
Yes
IRTR=1?
No
No
No
No
Read IRIC flag in ICCR
IRIC=1?
No
Yes
Read ICDR
[4] Determine end of reception
[13] Determine end of reception
[1] Select receive mode.
[2] Start receiving. The first read
is a dummy read.
[3] Wait for a receive wait
(Set IRIC at the fall of the 8th clock) or,
Wait for 1 byte to be received
(Set IRIC at the rise of the 9th clock)
[12] Wait for a receive wait
(Set IRIC at the fall of the 8th clock) or,
Wait for 1 byte to be received
(Set IRIC at the rise of the 9th clock)
[5] Read the receive data.
[6] Clear IRIC flag.
(to end the wait insertion)
[15] Clear wait mode.
Clear IRIC flag.
( IRIC flag should be cleared to 0
after setting WAIT = 0.)
[17] Generate stop condition
Master receive mode
[14] Clear IRIC.
(to end the wait insertion)
[16] Read the last receive data.
[7] Set acknowledge data for the last reception.
[8] Wait for TRS setting
[9] Set TRS for stop condition issuance
[10] Read the receive data.
[11] Clear IRIC flag. (to end the wait insertion)
Read ICDR
Clear IRIC flag in ICCR
Set HNDS = 0 in ICXR
Wait for one clock pulse
Set ACKB = 1 in ICSR
Set TRS = 1 in ICCR
End
Set WAIT = 0 in ICMR
Set BBSY= 0 and SCP= 0
in ICCR
Clear IRIC flag in ICCR
Read ICDR
Clear IRIC flag in ICCR
Read ICDR
Figure 13.13 Sample Flowchart for Operations in Master Receive Mode
(receiving multiple bytes) (WAIT = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com