Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 352 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 348Page - Renesas Technology Corp H8S/2111B Datasheet HTML 349Page - Renesas Technology Corp H8S/2111B Datasheet HTML 350Page - Renesas Technology Corp H8S/2111B Datasheet HTML 351Page - Renesas Technology Corp H8S/2111B Datasheet HTML 352Page - Renesas Technology Corp H8S/2111B Datasheet HTML 353Page - Renesas Technology Corp H8S/2111B Datasheet HTML 354Page - Renesas Technology Corp H8S/2111B Datasheet HTML 355Page - Renesas Technology Corp H8S/2111B Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 582 page
background image
Rev. 1.00, 05/04, page 318 of 544
End
Set HNDS = 0 in ICXR
Set WAIT = 0 in ICMR
Set WAIT = 0 in ICMR
Set ACKB = 0 in ICSR
Set ACKB = 1 in ICSR
Read ICDR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Read IRIC flag in ICCR
Read ICDR
Read IRIC flag in ICCR
IRIC = 1?
Yes
No
No
IRIC = 1?
Yes
[1] Select receive mode.
[2] Start receiving. The first read
is a dummy read.
[15] Clear wait mode.
Clear IRIC flag.
(IRIC flag should be cleared to 0
after setting WAIT = 0.)
[11] Clear IRIC flag.
(to end the wait insertion)
[12] Wait for 1 byte to be received.
(Set IRIC at the rise of the 9th clock)
[9] Set TRS for stop condition issuance
[7] Set acknowledge data for
the last reception.
[16] Read the last receive data
Slave receive mode
Set TRS = 0 in ICCR
Set TRS = 1 in ICCR
[17] Generate stop condition
Set BBSY = 0 and
SCP = 0 in ICCR
[3] Wait for a receive wait
(Set IRIC at the fall of the 8th clock)
Figure 13.14 Sample Flowchart for Operations in Master Receive Mode
(receiving a single byte) (WAIT = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com