Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 355 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 351Page - Renesas Technology Corp H8S/2111B Datasheet HTML 352Page - Renesas Technology Corp H8S/2111B Datasheet HTML 353Page - Renesas Technology Corp H8S/2111B Datasheet HTML 354Page - Renesas Technology Corp H8S/2111B Datasheet HTML 355Page - Renesas Technology Corp H8S/2111B Datasheet HTML 356Page - Renesas Technology Corp H8S/2111B Datasheet HTML 357Page - Renesas Technology Corp H8S/2111B Datasheet HTML 358Page - Renesas Technology Corp H8S/2111B Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 582 page
background image
Rev. 1.00, 05/04, page 321 of 544
SDA
(master output)
SDA
(slave output)
2
1
4
3
6
5
8
7
9
9
8
A
A
Bit 7
Bit 0
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
IRIC
IRTR
ICDR
SCL
(master output)
Data 3
Data 2
Data 1
Data 2
Data 3
[6] IRIC clear
[8]
Wait for one clock pulse
[11] IRIC clear
[14] IRIC clear
[16] ICDR read
(Data 3)
User processing
[12]
[3]
[10] ICDR read (Data 2)
[9] Set TRS=1
[7] Set ACKB=1
[15] WAIT cleared
to 0, IRIC clear
[17] Stop condition
issuance
Bit 0
Stop condition generation
[13] IRTR=1
[13] IRTR=0
[12]
[4] IRTR=1
[4] IRTR=0
[3]
Figure 13.16 Example of Stop Condition Issuance Timing in Master Receive Mode
(MLS = ACKB = 0, WAIT = 1)
13.4.5
Slave Receive Operation
In I
2C bus format slave receive mode, the master device outputs the transmit clock and transmit
data, and the slave device returns an acknowledge signal.
The slave device operates as the device specified by the master device when the slave address in
the first frame following the start condition that is issued by the master device matches its own
address.
Receive Operation Using the HNDS Function (HNDS = 1):
Figure 13.17 shows the sample flowchart for the operations in slave receive mode (HNDS = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com