Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 358 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 354Page - Renesas Technology Corp H8S/2111B Datasheet HTML 355Page - Renesas Technology Corp H8S/2111B Datasheet HTML 356Page - Renesas Technology Corp H8S/2111B Datasheet HTML 357Page - Renesas Technology Corp H8S/2111B Datasheet HTML 358Page - Renesas Technology Corp H8S/2111B Datasheet HTML 359Page - Renesas Technology Corp H8S/2111B Datasheet HTML 360Page - Renesas Technology Corp H8S/2111B Datasheet HTML 361Page - Renesas Technology Corp H8S/2111B Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 582 page
background image
Rev. 1.00, 05/04, page 324 of 544
SDA
(master output)
SDA
(slave output)
2
1
2
1
4
36
58
79
Bit 7
Bit 6
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ICDRF
IRIC
ICDRS
ICDRR
SCL
(master output)
SCL
(slave output)
Address+R/
W
Address+R/
W
Undefined value
[8] IRIC clear
[10] ICDR read (dummy read)
User processing
2
1
2
1
4
36
58
79
SCL
(Pin waveform)
Start condition generation
Slave address
Data 1
[6]
A
R/
W
[7] SCL is fixed low until ICDR is read
[2] ICDR read
Interrupt
request
occurrence
Figure 13.18 Example of Slave Receive Mode Operation Timing (1)
(MLS = 0, HNDS= 1)
SDA
(master output)
SDA
(slave output)
2
14
36
58
79
89
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 0
ICDRF
ICDRS
ICDRR
IRIC
SCL
(master output)
SCL
(slave output)
[8] IRIC clear
[12] IRIC clear
[9] Set ACKB=1
[5] ICDR read (Data (n-1))
[10] ICDR read
(Data (n))
User processing
Data (n)
Data (n-1)
Data (n-2)
[6]
[6]
[11]
A
A
Stop condition generation
[7] SCL is fixed low until ICDR is read
[7] SCL is fixed low until ICDR is read
Data (n-1)
Data (n)
Data (n)
[8] IRIC clear
Data (n-1)
Figure 13.19 Example of Slave Receive Mode Operation Timing (2)
(MLS = 0, HNDS= 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com