Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 359 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 355Page - Renesas Technology Corp H8S/2111B Datasheet HTML 356Page - Renesas Technology Corp H8S/2111B Datasheet HTML 357Page - Renesas Technology Corp H8S/2111B Datasheet HTML 358Page - Renesas Technology Corp H8S/2111B Datasheet HTML 359Page - Renesas Technology Corp H8S/2111B Datasheet HTML 360Page - Renesas Technology Corp H8S/2111B Datasheet HTML 361Page - Renesas Technology Corp H8S/2111B Datasheet HTML 362Page - Renesas Technology Corp H8S/2111B Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 582 page
background image
Rev. 1.00, 05/04, page 325 of 544
Continuous Receive Operation:
Figure 13.20 shows the sample flowchart for the operations in slave receive mode (HNDS = 0).
Slave receive mode
End
Read IRIC in ICCR
Clear IRIC in ICCR
Clear IRIC in ICCR
Read AASX, AAS and ADZ in ICSR
Read TRS in ICCR
Read IRIC in ICCR
Clear IRIC in ICCR
Clear IRIC in ICCR
Read ICDR
Wait for one frame
Read ICDR
Set ACKB = 0 in ICSR
Set ACKB = 1 in ICSR
Set HNDS = 0 in ICXR
General call address processing
* Description omitted
Set MST = 0
and TRS = 0 in ICCR
IRIC = 1?
No
Yes
ICDRF = 1?
Yes
TRS = 1?
IRIC = 1?
ICDRF = 1?
Yes
Yes
No
No
Yes
No
AAS = 1
and ADZ = 1?
No
No
[1] Select slave receive mode.
[2] Read the receive data remaining unread.
[3] to [7] Wait for one byte to be received (slave address + R/W)
(Set IRIC at the rise of the 9th clock)
[9] Wait for ACKB setting and set acknowledge data
for the last reception
(after the rise of the 9th clock of (n-1)th byte data)
[15] Clear IRIC
[14] Read the last receive data
[8] Clear IRIC
[13] Clear IRIC
[10] Read the receive data. The first read is a dummy read.
[11] Wait for one byte to be received
(Set IRIC at the rise of the 9th clock)
[12] Detect stop condition
Slave transmit mode
Yes
No
No
Read ICDR
No
Yes
ICDRF = 1?
(n-2)th-byte
reception?
ESTP = 1 or
STOP = 1?
* n: Address + total number of bytes received
Figure 13.20 Sample Flowchart for Operations in Slave Receive Mode (HNDS = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com