Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 375 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 371Page - Renesas Technology Corp H8S/2111B Datasheet HTML 372Page - Renesas Technology Corp H8S/2111B Datasheet HTML 373Page - Renesas Technology Corp H8S/2111B Datasheet HTML 374Page - Renesas Technology Corp H8S/2111B Datasheet HTML 375Page - Renesas Technology Corp H8S/2111B Datasheet HTML 376Page - Renesas Technology Corp H8S/2111B Datasheet HTML 377Page - Renesas Technology Corp H8S/2111B Datasheet HTML 378Page - Renesas Technology Corp H8S/2111B Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 582 page
background image
Rev. 1.00, 05/04, page 341 of 544
8. Notes on start condition issuance for retransmission
Figure 13.30 shows the timing of start condition issuance for retransmission, and the timing for
subsequently writing data to ICDR, together with the corresponding flowchart. Write the
transmit data to ICDR after the start condition for retransmission is issued and then the start
condition is actually generated.
SDA
IRIC
SCL
[3] (Retransmission) Start condition instruction issuance
[4] IRIC determination
[5] ICDR write (transmit data)
[2] Determination of SCL = Low
[1] IRIC determination
Start condition generation
(retransmission)
IRIC = 1?
Yes
Clear IRIC in ICSR
Read SCL pin
Write transmit data to ICDR
Set BBSY = 1,
SCP = 0 (ICSR)
[1]
[1] Wait for end of 1-byte transfer
[2] Determine whether SCL is low
[3] Issue start condition instruction for retransmission
[4] Determine whether start condition is generated or not
[5] Set transmit data (slave address + R/
W)
[2]
[3]
[4]
[5]
Yes
Yes
No
No
IRIC = 1?
Yes
SCL = Low?
Start condition
issuance?
No
No
Other processing
Note:* Program so that processing from [3] to [5]
is executed continuously.
bit7
ACK
9
Figure 13.30 Flowchart for Start Condition Issuance Instruction for Retransmission and
Timing
Note:
This restriction on usage can be canceled by setting the FNC1 and FNC0 bits to 1 in
ICXR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com