Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 378 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 374Page - Renesas Technology Corp H8S/2111B Datasheet HTML 375Page - Renesas Technology Corp H8S/2111B Datasheet HTML 376Page - Renesas Technology Corp H8S/2111B Datasheet HTML 377Page - Renesas Technology Corp H8S/2111B Datasheet HTML 378Page - Renesas Technology Corp H8S/2111B Datasheet HTML 379Page - Renesas Technology Corp H8S/2111B Datasheet HTML 380Page - Renesas Technology Corp H8S/2111B Datasheet HTML 381Page - Renesas Technology Corp H8S/2111B Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 582 page
background image
Rev. 1.00, 05/04, page 344 of 544
11. Note on ICDR read and ICCR access in slave transmit mode
In I
2C bus interface slave transmit mode, do not read ICDR or do not read/write from/to ICCR
during the time shaded in figure 13.33. However, such read and write operations cause no
problem in interrupt handling processing that is generated in synchronization with the rising
edge of the 9th clock pulse because the shaded time has passed before making the transition to
interrupt handling.
To handle interrupts securely, be sure to keep either of the following conditions.
 Read ICDR data that has been received so far or read/write from/to ICCR before starting
the receive operation of the next slave address.
 Monitor the BC2 to BC0 bit counter in ICMR; when the count is 000 (8th or 9th clock
pulse), wait for at least two transfer clock times in order to read ICDR or read/write from/to
ICCR during the time other than the shaded time.
Data transmission
Bit 7
Address reception
SCL
TRS bit
Waveform at problem occurrence
ICDR read and ICCR read/write are disabled
(6 system clock period)
8
R/W
A
9
The rise of the 9th clock is detected
SDA
ICDR write
Figure 13.33 ICDR Read and ICCR Access Timing in Slave Transmit Mode
Note:
This restriction on usage can be canceled by setting the FNC1 and FNC0 bits to 1 in
ICXR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com