| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 381 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 381 Page - Renesas Technology Corp |
|
381 / 582 page ![]() Rev. 1.00, 05/04, page 347 of 544 SA SLA R/ W SA SLA R/ W A DATA2 SA SLA R/ W A SLA R/ W A DATA3 A DATA4 DATA1 I2C bus interface (Master transmit mode) Transmit data match Transmit timing match • Receive address is ignored • Automatically transferred to slave receive mode • Receive data is recognized as an address • When the receive data matches to the address set in the SAR or SARX register, the I2C bus interface operates as a slave device. • Arbitration is lost • The AL flag in ICSR is set to 1 Transmit data does not match Other device (Master transmit mode) I2C bus interface (Slave receive mode) Data contention Figure 13.35 Diagram of Erroneous Operation when Arbitration is Lost Though it is prohibited in the normal I 2C protocol, the same problem may occur when the MST bit is erroneously set to 1 and a transition to master mode is occurred during data transmission or reception in slave mode. In multi-master mode, pay attention to the setting of the MST bit when a bus conflict may occur. In this case, the MST bit in the ICCR register should be set to 1 according to the order below. A. Make sure that the BBSY flag in the ICCR register is 0 and the bus is free before setting the MST bit. B. Set the MST bit to 1. C. To confirm that the bus was not entered to the busy state while the MST bit is being set, check that the BBSY flag in the ICCR register is 0 immediately after the MST bit has been set. Note: Above restriction can be cleared by setting bits FNC1 and FNC0 in the ICXR register. 13.6.1 Module Stop Mode Setting The IIC operation can be enabled or disabled using the module stop control register. The initial setting is for the IIC operation to be halted. Register access is enabled by canceling module stop mode. For details, see section 20, Power-Down Modes. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |