Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 379 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 375Page - Renesas Technology Corp H8S/2111B Datasheet HTML 376Page - Renesas Technology Corp H8S/2111B Datasheet HTML 377Page - Renesas Technology Corp H8S/2111B Datasheet HTML 378Page - Renesas Technology Corp H8S/2111B Datasheet HTML 379Page - Renesas Technology Corp H8S/2111B Datasheet HTML 380Page - Renesas Technology Corp H8S/2111B Datasheet HTML 381Page - Renesas Technology Corp H8S/2111B Datasheet HTML 382Page - Renesas Technology Corp H8S/2111B Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 582 page
background image
Rev. 1.00, 05/04, page 345 of 544
12. Note on TRS bit setting in slave mode
In I
2C bus interface slave mode, if the TRS bit value in ICCR is set after detecting the rising
edge of the 9th clock pulse or the stop condition before detecting the next rising edge on the
SCL pin (the time indicated as (a) in figure 13.34), the bit value becomes valid immediately
when it is set. However, if the TRS bit is set during the other time (the time indicated as (b) in
figure 13.34), the bit value is suspended and remains invalid until the rising edge of the 9th
clock pulse or the stop condition is detected. Therefore, when the address is received after the
restart condition is input without the stop condition, the effective TRS bit value remains 1
(transmit mode) internally and thus the acknowledge bit is not transmitted after the address has
been received at the 9th clock pulse.
To receive the address in slave mode, clear the TRS bit to 0 during the time indicated as (a) in
figure 13.34. To release the SCL low level that is held by means of the wait function in slave
mode, clear the TRS bit to and then dummy-read ICDR.
Restart condition
Data
transmission
Address reception
SCL
TRS
TRS bit setting is suspended in this period
ICDR dummy read
TRS bit setting
(a)
(b)
8
A
9
1
2
3
45
6
7
89
The rise of the 9th clock is detected
SDA
The rise of the 9th clock is detected
Figure 13.34 TRS Bit Set Timing in Slave Mode
Note:
This restriction on usage can be canceled by setting the FNC1 and FNC0 bits to 1 in
ICXR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com