Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 389 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 385Page - Renesas Technology Corp H8S/2111B Datasheet HTML 386Page - Renesas Technology Corp H8S/2111B Datasheet HTML 387Page - Renesas Technology Corp H8S/2111B Datasheet HTML 388Page - Renesas Technology Corp H8S/2111B Datasheet HTML 389Page - Renesas Technology Corp H8S/2111B Datasheet HTML 390Page - Renesas Technology Corp H8S/2111B Datasheet HTML 391Page - Renesas Technology Corp H8S/2111B Datasheet HTML 392Page - Renesas Technology Corp H8S/2111B Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 582 page
background image
Rev. 1.00, 05/04, page 355 of 544
14.4
Operation
14.4.1
Receive Operation
In a receive operation, both KCLK (clock) and KD (data) are outputs on the keyboard side and
inputs on this LSI chip (system) side. KD receives a start bit, 8 data bits (LSB-first), an odd parity
bit, and a stop bit, in that order. The KD value is valid when KCLK is low. A sample receive
processing flowchart is shown in figure 14.3, and the receive timing in figure 14.4.
Start
Set KBIOE bit
Read KBCRH
KCLKI
and KDI bits both 1?
Set KBE bit
Receive enabled state
KBF = 1?
PER = 0?
KBS = 1?
Read KBBR
Receive data processing
Clear KBF flag
(receive enabled state)
Keyboard side in data
transmission state.
Execute receive abort
processing.
Error handling
[1] Set the KBIOE bit to 1 in KBCRL.
[2] Read KBCRH, and if the KCLKI
and KDI bits are both 1, set the
KBE bit (receive enabled state).
[3] Detect the start bit output on the
keyboard side and receive data in
synchronization with the fall of
KCLK.
[4] When a stop bit is received, the
keyboard buffer controller drives
KCLK low to disable keyboard
transmission (automatic I/O inhibit).
If the KBIE bit is set to 1 in KBCRH,
an interrupt request is sent to the
CPU at the same time.
[5] Perform receive data processing.
[6] Clear the KBF flag to 0 in KBCRL.
At the same time, the system
automatically drives KCLK high,
setting the receive enabled state.
The receive operation can be
continued by repeating steps [3] to [6].
[1]
[2]
[3]
[4]
[5]
[6]
Yes
No
Yes
Yes
Yes
No
No
No
Figure 14.3 Sample Receive Processing Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com