Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 401 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 397Page - Renesas Technology Corp H8S/2111B Datasheet HTML 398Page - Renesas Technology Corp H8S/2111B Datasheet HTML 399Page - Renesas Technology Corp H8S/2111B Datasheet HTML 400Page - Renesas Technology Corp H8S/2111B Datasheet HTML 401Page - Renesas Technology Corp H8S/2111B Datasheet HTML 402Page - Renesas Technology Corp H8S/2111B Datasheet HTML 403Page - Renesas Technology Corp H8S/2111B Datasheet HTML 404Page - Renesas Technology Corp H8S/2111B Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 582 page
background image
IFHSTL0A_020020040200
Rev. 1.00, 05/04, page 367 of 544
Section 15 Host Interface (LPC)
This LSI has an on-chip LPC interface.
The LPC performs serial transfer of cycle type, address, and data, synchronized with the 33 MHz
PCI clock. It uses four signal lines for address/data, and one for host interrupt requests. This LPC
module supports only I/O read cycle and I/O write cycle transfers.
It is also provided with power-down functions that can control the PCI clock and shut down the
host interface.
15.1
Features
• Supports LPC interface I/O read cycles and I/O write cycles
 Uses four signal lines (LAD3 to LAD0) to transfer the cycle type, address, and data.
 Uses three control signals: clock (LCLK), reset (LRESET), and frame (LFRAME).
• Has three register sets comprising data and status registers
 The basic register set comprises three bytes: an input register (IDR), output register (ODR),
and status register (STR).
 Channels 1 and 2 have fixed I/O addresses of H'60/H'64 and H'62/H'66, respectively. A fast
A20 gate function is also provided.
 The I/O address can be set for channel 3. Sixteen bidirectional data register bytes can be
manipulated in addition to the basic register set.
• Supports SERIRQ
 Host interrupt requests are transferred serially on a single signal line (SERIRQ).
 On channel 1, HIRQ1 and HIRQ12 can be generated.
 On channels 2 and 3, SMI, HIRQ6, and HIRQ9 to HIRQ11 can be generated.
 Operation can be switched between quiet mode and continuous mode.
 The CLKRUN signal can be manipulated to restart the PCI clock (LCLK).
• Eleven interrupt sources
 The LPC module can be shut down by inputting the LPCPD signal.
 Three pins, PME, LSMI, and LSCI, are provided for general input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com