Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 402 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 398Page - Renesas Technology Corp H8S/2111B Datasheet HTML 399Page - Renesas Technology Corp H8S/2111B Datasheet HTML 400Page - Renesas Technology Corp H8S/2111B Datasheet HTML 401Page - Renesas Technology Corp H8S/2111B Datasheet HTML 402Page - Renesas Technology Corp H8S/2111B Datasheet HTML 403Page - Renesas Technology Corp H8S/2111B Datasheet HTML 404Page - Renesas Technology Corp H8S/2111B Datasheet HTML 405Page - Renesas Technology Corp H8S/2111B Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 582 page
background image
Rev. 1.00, 05/04, page 368 of 544
Figure 15.1 shows a block diagram of the LPC.
TWR1–15
IDR3
IDR2
IDR1
H'0060/64
H'0062/66
LADR3
SIRQCR0
SIRQCR1
TWR0MW
TWR1–15
ODR3
ODR2
ODR1
STR3
STR2
STR1
HICR0
HICR1
HICR2
HICR3
TWR0SW
LSCIE
LSCIB
LSCI input
PB1 I/O
LSMIE
LSMIB
LSMI input
PB0 I/O
PMEE
PMEB
PME input
P80 I/O
LAD0 to
LAD3
SERIRQ
CLKRUN
LSCI
LSMI
PME
GA20
LPCPD
LFRAME
LRESET
LCLK
IBFI1
IBFI2
IBFI3
ERRI
Module data bus
Cycle detection
Serial
→ parallel conversion
Serial
← parallel conversion
Address match
SYNC output
Parallel
→ serial conversion
Control logic
Internal interrupt
control
HISEL
[Legend]
HICR0 to HICR3: Host interface control registers 0 to 3
LADR3H, 3L:
LPC channel 3 address register 3H and 3L
IDR1 to IDR3:
Input data registers 1 to 3
ODR1 to DOR3: Output data registers 1 to 3
STR1 to STR3:
Status registers 1 to 3
TWR0MW:
Two-way register 0MW
TWR0SW:
Two-way register 0SW
TWR1 to TWR15: Two-way data registers 1 to 15
SERIRQ0, 1:
SERIEQ control registers 0 and 1
HISEL:
Host interface select register
Figure 15.1 Block Diagram of LPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com