Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 405 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 401Page - Renesas Technology Corp H8S/2111B Datasheet HTML 402Page - Renesas Technology Corp H8S/2111B Datasheet HTML 403Page - Renesas Technology Corp H8S/2111B Datasheet HTML 404Page - Renesas Technology Corp H8S/2111B Datasheet HTML 405Page - Renesas Technology Corp H8S/2111B Datasheet HTML 406Page - Renesas Technology Corp H8S/2111B Datasheet HTML 407Page - Renesas Technology Corp H8S/2111B Datasheet HTML 408Page - Renesas Technology Corp H8S/2111B Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 582 page
background image
Rev. 1.00, 05/04, page 371 of 544
15.3.1
Host Interface Control Registers 0 and 1 (HICR0, HICR1)
HICR0 and HICR1 contain control bits that enable or disable host interface functions, control bits
that determine pin output and the internal state of the host interface, and status flags that monitor
the internal state of the host interface.
• HICR0
R/W
Bit
Bit Name
Initial
Value Slave Host Description
7
6
5
LPC3E
LPC2E
LPC1E
0
0
0
R/W
R/W
R/W
—
—
—
LPC Enable 3 to 1
Enable or disable the host interface function in single-
chip mode. When the host interface is enabled (one of
the three bits is set to 1), processing for data transfer
between the slave processor (this LSI) and the host
processor is performed using pins LAD3 to LAD0,
LFRAME, LRESET, LCLK, SERIRQ, CLKRUN, and
LPCPD.
• LPC3E
0: LPC channel 3 operation is disabled
No address (LADR3) matches for IDR3, ODR3,
STR3, or TWR0 to TWR15
1: LPC channel 3 operation is enabled
• LPC2E
0: LPC channel 2 operation is disabled
No address (H'0062, 66) matches for IDR2, ODR2,
or STR2
1: LPC channel 2 operation is enabled
• LPC1E
0: LPC channel 1 operation is disabled
No address (H'0060, 64) matches for IDR1, ODR1,
or STR1
1: LPC channel 1 operation is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com