Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 403 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 399Page - Renesas Technology Corp H8S/2111B Datasheet HTML 400Page - Renesas Technology Corp H8S/2111B Datasheet HTML 401Page - Renesas Technology Corp H8S/2111B Datasheet HTML 402Page - Renesas Technology Corp H8S/2111B Datasheet HTML 403Page - Renesas Technology Corp H8S/2111B Datasheet HTML 404Page - Renesas Technology Corp H8S/2111B Datasheet HTML 405Page - Renesas Technology Corp H8S/2111B Datasheet HTML 406Page - Renesas Technology Corp H8S/2111B Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 582 page
background image
Rev. 1.00, 05/04, page 369 of 544
15.2
Input/Output Pins
Table 15.1 lists the input and output pins of the LPC module.
Table 15.1
Pin Configuration
Name
Abbreviation Port
I/O
Function
LPC address/
data 3 to 0
LAD3 to
LAD0
P33 to
P30
Input/
output
Serial (4-signal-line) transfer cycle
type/address/data signals,
synchronized with LCLK
LPC frame
LFRAME
P34
Input*
1
Transfer cycle start and forced
termination signal
LPC reset
LRESET
P35
Input*
1
LPC interface reset signal
LPC clock
LCLK
P36
Input
33 MHz PCI clock signal
Serialized interrupt request SERIRQ
P37
Input/
output*
1
Serialized host interrupt request
signal, synchronized with LCLK
(SMI, IRQ1, IRQ6, IRQ9 to
IRQ12)
LSCI general output
LSCI
PB1
Output*
1, *2 General output
LSMI general output
LSMI
PB0
Output*
1, *2 General output
PME general output
PME
P80
Output*
1, *2 General output
GATE A20
GA20
P81
Output*
1, *2 A20 gate control signal output
LPC clock run
CLKRUN
P82
Input/
output*
1, *2
LCLK restart request signal in
case of serial host interrupt
request
LPC power-down
LPCPD
P83
Input*
1
LPC module shutdown signal
Notes: 1. Pin state monitoring input is possible in addition to the LPC interface control
input/output function.
2. Only 0 can be output. If 1 is output, the pin goes to the high-impedance state, so an
external resistor is necessary to pull the signal up to V
CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com