Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 411 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 407Page - Renesas Technology Corp H8S/2111B Datasheet HTML 408Page - Renesas Technology Corp H8S/2111B Datasheet HTML 409Page - Renesas Technology Corp H8S/2111B Datasheet HTML 410Page - Renesas Technology Corp H8S/2111B Datasheet HTML 411Page - Renesas Technology Corp H8S/2111B Datasheet HTML 412Page - Renesas Technology Corp H8S/2111B Datasheet HTML 413Page - Renesas Technology Corp H8S/2111B Datasheet HTML 414Page - Renesas Technology Corp H8S/2111B Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 582 page
background image
Rev. 1.00, 05/04, page 377 of 544
15.3.2
Host Interface Control Registers 2 and 3 (HICR2, HICR3)
Bits 6 to 0 in HICR2 control interrupts from the host interface (LPC) module to the slave
processor (this LSI). Bit 7 in HICR2 and HICR3 monitor host interface pin states.
The pin states can be monitored regardless of the host interface operating state or the operating
state of the functions that use pin multiplexing.
• HICR2
R/W
Bit Bit Name
Initial
Value
Slave Host Description
7
GA20
Undefined R
—
GA20 Pin Monitor
6
LRST
0
R/(W)* —
LPC Reset Interrupt Flag
This bit is a flag that generates an ERRI interrupt when
an LPC hardware reset occurs.
0: [Clearing conditions]
• Writing 0 after reading LRST = 1
1: [Setting condition]
• LRESET pin falling edge detection
5
SDWN
0
R/(W)* —
LPC Shutdown Interrupt Flag
This bit is a flag that generates an ERRI interrupt when
an LPC hardware shutdown request is generated.
0: [Clearing conditions]
• Writing 0 after reading SDWN = 1
• LPC hardware reset and LPC software reset
1: [Setting condition]
• LPCPD pin falling edge detection
4
ABRT
0
R/(W)* —
LPC Abort Interrupt Flag
This bit is a flag that generates an ERRI interrupt when
a forced termination (abort) of an LPC transfer cycle
occurs.
0: [Clearing conditions]
• Writing 0 after reading ABRT = 1
• LPC hardware reset and LPC software reset
• LPC hardware shutdown and LPC software
shutdown
1: [Setting condition]
•
LFRAME pin falling edge detection during LPC
transfer cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com