Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 429 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 425Page - Renesas Technology Corp H8S/2111B Datasheet HTML 426Page - Renesas Technology Corp H8S/2111B Datasheet HTML 427Page - Renesas Technology Corp H8S/2111B Datasheet HTML 428Page - Renesas Technology Corp H8S/2111B Datasheet HTML 429Page - Renesas Technology Corp H8S/2111B Datasheet HTML 430Page - Renesas Technology Corp H8S/2111B Datasheet HTML 431Page - Renesas Technology Corp H8S/2111B Datasheet HTML 432Page - Renesas Technology Corp H8S/2111B Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 582 page
background image
Rev. 1.00, 05/04, page 395 of 544
15.3.9
Host Interface Select Register (HISEL)
HISEL selects the function of bits 7 to 4 in STR3 and specifies the output of the host interrupt
request signal of each frame.
R/W
Bit
Bit Name Initial Value Slave Host Description
7
SELSTR3 0
W
STR3 Register Function Select 3
Selects the function of bits 7 to 4 in STR3 in
combination with the TWRE bit in LADR3L. See
description on STR3 in section 15.3.7, Status
Registers 1 to 3 (STR1 to STR3), for details.
0: Bits 7 to 4 in STR3 are status bits of the host
interface.
1: [When TWRE = 1]
Bits 7 to 4 in STR3 are status bits of the host
interface.
[When TWRE = 0]
Bits 7 to 4 in STR3 are user bits.
6
5
4
3
2
1
0
SELIRQ11
SELIRQ10
SELIRQ9
SELIRQ6
SELSMI
SELIRQ12
SELIRQ1
0
0
0
0
0
1
1
W
W
W
W
W
W
W
—
—
—
—
—
—
—
SERIRQ Output Select
Selects the pin output status of host interrupt
requests (HIRQ11, HIRQ10, HIRQ9, HIRQ6, SMI,
HIRQ12, and HIRQ1) of the LPC.
0: [When host interrupt request is cleared]
SERIRQ pin output is in the high-impedance
state.
[When host interrupt request is set]
SERIRQ pin output is 0.
1: [When host interrupt request is cleared]
SERIRQ pin output is 0.
[When host interrupt request is set]
SERIRQ pin output is in the high-impedance
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com