Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 432 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 428Page - Renesas Technology Corp H8S/2111B Datasheet HTML 429Page - Renesas Technology Corp H8S/2111B Datasheet HTML 430Page - Renesas Technology Corp H8S/2111B Datasheet HTML 431Page - Renesas Technology Corp H8S/2111B Datasheet HTML 432Page - Renesas Technology Corp H8S/2111B Datasheet HTML 433Page - Renesas Technology Corp H8S/2111B Datasheet HTML 434Page - Renesas Technology Corp H8S/2111B Datasheet HTML 435Page - Renesas Technology Corp H8S/2111B Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 582 page
background image
Rev. 1.00, 05/04, page 398 of 544
The timing of the
LFRAME, LCLK, and LAD signals is shown in figures 15.2 and 15.3.
ADDR
Start
LFRAME
LAD3–LAD0
Number of clocks
LCLK
TAR
Sync
Data
TAR
Start
Cycle type,
direction,
and size
11
4
1
22
2
1
Figure 15.2 Typical
LFRAME Timing
ADDR
Start
LFRAME
LAD3–LAD0
LCLK
TAR
Sync
Cycle type,
direction,
and size
Slave must stop driving
Too many Syncs
cause timeout
Master will
drive high
Figure 15.3 Abort Mechanism
15.4.3
A20 Gate
The A20 gate signal can mask address A20 to emulate an addressing mode used by personal
computers with an 8086*-family CPU. A regular-speed A20 gate signal can be output under
firmware control. The fast A20 gate function that is speeded up by hardware is enabled by setting
the FGA20E bit to 1 in HICR0.
Note:
An Intel microprocessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com