Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 431 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 427Page - Renesas Technology Corp H8S/2111B Datasheet HTML 428Page - Renesas Technology Corp H8S/2111B Datasheet HTML 429Page - Renesas Technology Corp H8S/2111B Datasheet HTML 430Page - Renesas Technology Corp H8S/2111B Datasheet HTML 431Page - Renesas Technology Corp H8S/2111B Datasheet HTML 432Page - Renesas Technology Corp H8S/2111B Datasheet HTML 433Page - Renesas Technology Corp H8S/2111B Datasheet HTML 434Page - Renesas Technology Corp H8S/2111B Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 582 page
background image
Rev. 1.00, 05/04, page 397 of 544
15.4.2
LPC I/O Cycles
There are ten kinds of LPC transfer cycle: memory read, memory write, I/O read, I/O write, DMA
read, DMA write, bus master memory read, bus master memory write, bus master I/O read, and
bus master I/O write. Of these, the chip's LPC supports only I/O read and I/O write cycles.
An LPC transfer cycle is started when the
LFRAME signal goes low in the bus idle state. If the
LFRAME signal goes low when the bus is not idle, this means that a forced termination (abort) of
the LPC transfer cycle has been requested.
In an I/O read cycle or I/O write cycle, transfer is carried out using LAD3 to LAD0 in the
following order, in synchronization with LCLK. The host can be made to wait by sending back a
value other than B
′0000 in the slave's synchronization return cycle, but with the chip's LPC a
value of B
′0000 is always returned.
If the received address matches the host address in an LPC register (IDR, ODR, STR, TWR), the
host interface enters the busy state; it returns to the idle state by output of a state count 12
turnaround. Register and flag changes are made at this timing, so in the event of a transfer cycle
forced termination (abort) before state #12, registers and flags are not changed.
I/O Read Cycle
I/O Write Cycle
State
Count
Contents
Drive
Source
Value
(3 to 0)
Contents
Drive
Source
Value
(3 to 0)
1
Start
Host
0000
Start
Host
0000
2
Cycle type/direction
Host
0000
Cycle type/direction Host
0010
3
Address 1
Host
Bits 15 to
12
Address 1
Host
Bits 15 to
12
4
Address 2
Host
Bits 11 to 8
Address 2
Host
Bits 11 to 8
5
Address 3
Host
Bits 7 to 4
Address 3
Host
Bits 7 to 4
6
Address 4
Host
Bits 3 to 0
Address 4
Host
Bits 3 to 0
7
Turnaround
(recovery)
Host
1111
Data 1
Host
Bits 3 to 0
8
Turnaround
None
ZZZZ
Data 2
Host
Bits 7 to 4
9
Synchronization
Slave
0000
Turnaround
(recovery)
Host
1111
10
Data 1
Slave
Bits 3 to 0
Turnaround
None
ZZZZ
11
Data 2
Slave
Bits 7 to 4
Synchronization
Slave
0000
12
Turnaround
(recovery)
Slave
1111
Turnaround
(recovery)
Slave
1111
13
Turnaround
None
ZZZZ
Turnaround
None
ZZZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com