Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 430 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 426Page - Renesas Technology Corp H8S/2111B Datasheet HTML 427Page - Renesas Technology Corp H8S/2111B Datasheet HTML 428Page - Renesas Technology Corp H8S/2111B Datasheet HTML 429Page - Renesas Technology Corp H8S/2111B Datasheet HTML 430Page - Renesas Technology Corp H8S/2111B Datasheet HTML 431Page - Renesas Technology Corp H8S/2111B Datasheet HTML 432Page - Renesas Technology Corp H8S/2111B Datasheet HTML 433Page - Renesas Technology Corp H8S/2111B Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 582 page
background image
Rev. 1.00, 05/04, page 396 of 544
15.4
Operation
15.4.1
Host Interface Activation
The host interface is activated by setting one of bits LPC3E to LPC1E in HICR0 to 1 in single-
chip mode. When the host interface is activated, the related I/O ports (ports 37 to 30, ports 83 and
82) function as dedicated host interface input/output pins. In addition, setting the FGA20E, PMEE,
LSMIE, and LSCIE bits to 1 adds the related I/O ports (ports 81 and 80, ports B0 and B1) to the
host interface's input/output pins.
Use the following procedure to activate the host interface after a reset release.
1. Read the signal line status and confirm that the LPC module can be connected. Also check that
the LPC module is initialized internally.
2. When using channel 3, set LADR3 to determine the channel 3 I/O address and whether
bidirectional data registers are to be used.
3. Set the enable bit (LPC3E to LPC1E) for the channel to be used.
4. Set the enable bits (GA20E, PMEE, LSMIE, and LSCIE) for the additional functions to be
used.
5. Set the selection bits for other functions (SDWNE, IEDIR).
6. As a precaution, clear the interrupt flags (LRST, SDWN, ABRT, OBF). Read IDR or TWR15
to clear IBF.
7. Set interrupt enable bits (IBFIE3 to IBFIE1, ERRIE) as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com