Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 450 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 446Page - Renesas Technology Corp H8S/2111B Datasheet HTML 447Page - Renesas Technology Corp H8S/2111B Datasheet HTML 448Page - Renesas Technology Corp H8S/2111B Datasheet HTML 449Page - Renesas Technology Corp H8S/2111B Datasheet HTML 450Page - Renesas Technology Corp H8S/2111B Datasheet HTML 451Page - Renesas Technology Corp H8S/2111B Datasheet HTML 452Page - Renesas Technology Corp H8S/2111B Datasheet HTML 453Page - Renesas Technology Corp H8S/2111B Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 582 page
background image
Rev. 1.00, 05/04, page 416 of 544
16.3
Register Descriptions
The A/D converter has the following registers.
• A/D data register A (ADDRA)
• A/D data register B (ADDRB)
• A/D data register C (ADDRC)
• A/D data register D (ADDRD)
• A/D control/status register (ADCSR)
• A/D control register (ADCR)
16.3.1
A/D Data Registers A to D (ADDRA to ADDRD)
There are four 16-bit read-only ADDR registers, ADDRA to ADDRD, used to store the results of
A/D conversion. The ADDR registers, which store a conversion result for each channel, are shown
in table 16.2.
The converted 10-bit data is stored to bits 15 to 6. The lower 6-bit data is always read as 0.
The data bus between the CPU and the A/D converter is 8-bit width. The upper byte can be read
directly from the CPU, but the lower byte should be read via a temporary register. The temporary
register contents are transferred from the ADDR when the upper byte data is read. When reading
the ADDR, read the upper byte before lower byte or in word units.
Table 16.2
Analog Input Channels and Corresponding ADDR Registers
Analog Input Channel
Group 0
Group 1
A/D Data Register to Store A/D Conversion Results
AN0
AN4
ADDRA
An1
AN5
ADDRB
AN2
ADDRC
AN3
ADDRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com