Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 447 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 443Page - Renesas Technology Corp H8S/2111B Datasheet HTML 444Page - Renesas Technology Corp H8S/2111B Datasheet HTML 445Page - Renesas Technology Corp H8S/2111B Datasheet HTML 446Page - Renesas Technology Corp H8S/2111B Datasheet HTML 447Page - Renesas Technology Corp H8S/2111B Datasheet HTML 448Page - Renesas Technology Corp H8S/2111B Datasheet HTML 449Page - Renesas Technology Corp H8S/2111B Datasheet HTML 450Page - Renesas Technology Corp H8S/2111B Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 582 page
background image
ADCMS33B_010020040200
Rev. 1.00, 05/04, page 413 of 544
Section 16 A/D Converter
This LSI includes a successive-approximation-type 10-bit A/D converter that allows up to six
analog input channels to be selected. A/D conversion for digital input is effective as a comparator
in multiple input testing.
16.1
Features
• 10-bit resolution
•
Ιnput channels: six analog input channels
• Analog conversion voltage range can be specified using the reference power supply voltage
pin (AVref) as an analog reference voltage.
• Conversion time: 13.4 µs per channel (at 10 MHz operation)
• Two kinds of operating modes
 Single mode: Single-channel A/D conversion
 Scan mode: Continuous A/D conversion on 1 to 4 channels
• Four data registers
 Conversion results are held in a 16-bit data register for each channel
• Sample and hold function
• Three kinds of conversion start
 Software, 8-bit timer (TMR) conversion start trigger, or external trigger signal.
•
Interrupt request
 A/D conversion end interrupt (ADI) request can be generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com