Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 451 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 447Page - Renesas Technology Corp H8S/2111B Datasheet HTML 448Page - Renesas Technology Corp H8S/2111B Datasheet HTML 449Page - Renesas Technology Corp H8S/2111B Datasheet HTML 450Page - Renesas Technology Corp H8S/2111B Datasheet HTML 451Page - Renesas Technology Corp H8S/2111B Datasheet HTML 452Page - Renesas Technology Corp H8S/2111B Datasheet HTML 453Page - Renesas Technology Corp H8S/2111B Datasheet HTML 454Page - Renesas Technology Corp H8S/2111B Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 582 page
background image
Rev. 1.00, 05/04, page 417 of 544
16.3.2
A/D Control/Status Register (ADCSR)
ADCSR controls A/D conversion operations.
Bit
Bit Name
Initial
Value
R/W
Description
7
ADF
0
R/(W)*
A/D End Flag
A status flag that indicates the end of A/D conversion.
[Setting conditions]
• When A/D conversion ends in single mode
• When A/D conversion ends on all channels
specified in scan mode
[Clearing conditions]
• When 0 is written after reading ADF = 1
6
ADIE
0
R/W
A/D Interrupt Enable
Enables ADI interrupt by ADF when this bit is set to 1
5
ADST
0
R/W
A/D Start
Setting this bit to 1 starts A/D conversion. Clearing this
bit to 0 stops A/D conversion. In single mode, this bit is
cleared to 0 automatically when conversion on the
specified channel ends. In scan mode, conversion
continues sequentially on the specified channels until
this bit is cleared to 0 by software, a reset, or a
transition to standby mode or module stop mode.
4
SCAN
0
R/W
Scan Mode
Selects the A/D conversion operating mode. The
setting of this bit must be made when conversion is
halted (ADST = 0).
0: Single mode
1: Scan mode
3
CKS
0
R/W
Clock Select
Sets A/D conversion time. The input channel setting
must be made when conversion is halted (ADST = 0).
0: Conversion time is 266 states (max)
1: Conversion time is 134 states (max)
Switch conversion time while ADST is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com