Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 475 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 471Page - Renesas Technology Corp H8S/2111B Datasheet HTML 472Page - Renesas Technology Corp H8S/2111B Datasheet HTML 473Page - Renesas Technology Corp H8S/2111B Datasheet HTML 474Page - Renesas Technology Corp H8S/2111B Datasheet HTML 475Page - Renesas Technology Corp H8S/2111B Datasheet HTML 476Page - Renesas Technology Corp H8S/2111B Datasheet HTML 477Page - Renesas Technology Corp H8S/2111B Datasheet HTML 478Page - Renesas Technology Corp H8S/2111B Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 582 page
background image
Rev. 1.00, 05/04, page 441 of 544
18.6
Operating Modes
The flash memory is connected to the CPU via a 16-bit data bus, enabling byte data and word data
to be accessed in a single state. Even addresses are connected to the upper 8 bits and odd addresses
are connected to the lower 8 bits. Note that word data must start from an even address.
In normal mode (mode 3), up to 56 Kbytes of ROM can be used.
Table 18.3
Operating Modes and ROM
Operating Modes
Mode Pins
MCU
Operating Mode
CPU
Operating Mode Mode
MD1
MD0 On-Chip ROM
Mode 2
Advanced
Single-chip mode 1
0
Enabled (64 Kbytes)
Mode 3
Normal
Single-chip mode 1
1
Enabled (56 Kbytes)
18.7
On-Board Programming Modes
An on-board programming mode is used to perform on-chip flash memory programming, erasing,
and verification. This LSI has two on-board programming modes: boot mode and user program
mode. Table 18.4 shows pin settings for boot mode. In user program mode, operation by software
is enabled by setting control bits. For details on flash memory mode transitions, see figure 18.2.
Table 18.4
On-Board Programming Mode Settings
Mode Setting
MD1
MD0
P92
P91
P90
Boot mode
0
0
1*
1*
1*
Mode 2 (advanced mode) 1
0
User program mode
Mode 3 (normal mode)
1
1
Note:
*
Can be used as an I/O port after the boot mode activation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com