| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 474 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 474 Page - Renesas Technology Corp |
|
474 / 582 page ![]() Rev. 1.00, 05/04, page 440 of 544 18.5.3 Erase Block Registers 1 and 2 (EBR1, EBR2) EBR1 and EBR2 are used to specify the flash memory erase block. EBR1 and EBR2 are initialized to H'00 by a reset, or in hardware standby mode, software standby mode, sub-active mode, sub-sleep mode, or watch mode, or when the SWE bit in FLMCR1 is cleared to 0. Set only one bit to 1 at a time, otherwise all bits in EBR1 and EBR2 are automatically cleared to 0. • EBR1 Bit Bit Name Initial Value R/W Description 7 to 0 — All 0 R/(W) Reserved The initial values should not be modified. • EBR2 Bit Bit Name Initial Value R/W Description 7 EB7 0 R/W* When this bit is set to 1, 8 Kbytes of EB7 (H'00E000 to H'00FFFF) are to be erased. 6 EB6 0 R/W When this bit is set to 1, 8 Kbytes of EB6 (H'00C000 to H'00DFFF) are to be erased. 5 EB5 0 R/W When this bit is set to 1, 16 Kbytes of EB5 (H'008000 to H'00BFFF) are to be erased. 4 EB4 0 R/W When this bit is set to 1, 28 Kbytes of EB4 (H'001000 to H'007FFF) are to be erased. 3 EB3 0 R/W When this bit is set to 1, 1 Kbyte of EB3 (H'000C00 to H'000FFF) is to be erased. 2 EB2 0 R/W When this bit is set to 1, 1 Kbyte of EB2 (H'000800 to H'000BFF) is to be erased. 1 EB1 0 R/W When this bit is set to 1, 1 Kbyte of EB1 (H'000400 to H'0007FF) is to be erased. 0 EB0 0 R/W When this bit is set to 1, 1 Kbyte of EB0 (H'000000 to H'0003FF) is to be erased. Note: * In normal mode, this bit is always read as 0 and cannot be modified. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |