Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 495 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 491Page - Renesas Technology Corp H8S/2111B Datasheet HTML 492Page - Renesas Technology Corp H8S/2111B Datasheet HTML 493Page - Renesas Technology Corp H8S/2111B Datasheet HTML 494Page - Renesas Technology Corp H8S/2111B Datasheet HTML 495Page - Renesas Technology Corp H8S/2111B Datasheet HTML 496Page - Renesas Technology Corp H8S/2111B Datasheet HTML 497Page - Renesas Technology Corp H8S/2111B Datasheet HTML 498Page - Renesas Technology Corp H8S/2111B Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 582 page
background image
Rev. 1.00, 05/04, page 461 of 544
19.7
Clock Select Circuit
The clock select circuit selects the system clock that is used in this LSI.
A clock generated by an oscillator to which the EXTAL and XTAL pins are input is selected as a
system clock when returning from high-speed mode, medium-speed mode, sleep mode, reset state,
or standby mode.
A subclock input from the EXCL pin is selected as a system clock in subactive mode, subsleep
mode, or watch mode. At this time, modules such as the CPU, TMR_0, TMR_1, WDT_0,
WDT_1, ports, and interrupt controller and their functions operate depending on the
φSUB. The
count clock and sampling clock for each timer are divided
φSUB clocks.
19.8
Usage Notes
19.8.1
Note on Resonator
Since all kinds of characteristics of the resonator are closely related to the board design by the
user, use the example of resonator connection in this document for only reference; be sure to use
an resonator that has been sufficiently evaluated by the user. Consult with the resonator
manufacturer about the resonator circuit ratings which vary depending on the stray capacitances of
the resonator and installation circuit. Make sure the voltage applied to the oscillator pins does not
exceed the maximum rating.
19.8.2
Notes on Board Design
When using a crystal resonator, the crystal resonator and its load capacitors should be placed as
close as possible to the XTAL and EXTAL pins.
Other signal lines should be routed away from the oscillator circuit to prevent inductive
interference with the correct oscillation as shown in figure 19.8.
CL2
Signal A Signal B
CL1
This LSI
XTAL
EXTAL
Avoid
Figure 19.8 Note on Board Design of Oscillator Circuit Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com