Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 497 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 497 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 493Page - Renesas Technology Corp H8S/2111B Datasheet HTML 494Page - Renesas Technology Corp H8S/2111B Datasheet HTML 495Page - Renesas Technology Corp H8S/2111B Datasheet HTML 496Page - Renesas Technology Corp H8S/2111B Datasheet HTML 497Page - Renesas Technology Corp H8S/2111B Datasheet HTML 498Page - Renesas Technology Corp H8S/2111B Datasheet HTML 499Page - Renesas Technology Corp H8S/2111B Datasheet HTML 500Page - Renesas Technology Corp H8S/2111B Datasheet HTML 501Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 582 page
background image
Rev. 1.00, 05/04, page 463 of 544
Section 20 Power-Down Modes
For operating modes after the reset state is cancelled, this LSI has not only the normal program
execution state but also seven power-down modes in which power consumption is significantly
reduced. In addition, there is also module stop mode in which reduced power consumption can be
achieved by individually stopping on-chip peripheral modules.
• Medium-speed mode
System clock frequency for the CPU operation can be selected as
φ/2, φ/4, φ/8, φ/16, or φ/32.
• Subactive mode
The CPU operates based on the subclock and on-chip peripheral modules other than TMR_0,
TMR_1, WDT_0, and WDT_1 stop operating.
• Sleep mode
The CPU stops but on-chip peripheral modules continue operating.
• Subsleep mode
The CPU and on-chip peripheral modules other than TMR_0, TMR_1, WDT_0, and WDT_1
stop operating.
• Watch mode
The CPU and on-chip peripheral modules other than WDT_1 stop operating.
• Software standby mode
Clock oscillation stops, and the CPU and on-chip peripheral modules stop operating.
• Hardware standby mode
Clock oscillation stops, and the CPU and on-chip peripheral modules enter reset state.
• Module stop mode
Independently of above operating modes, on-chip peripheral modules that are not used can be
stopped individually.
20.1
Register Descriptions
Power-down modes are controlled by the following registers. To access SBYCR, LPWRCR,
MSTPCRH, and MSTPCRL, the FLSHE bit in the serial timer control register (STCR) must be
cleared to 0. For details on STCR, see section 3.2.3, Serial Timer Control Register (STCR).
• Standby control register (SBYCR)
• Low power control register (LPWRCR)
• Module stop control register H (MSTPCRH)
• Module stop control register L (MSTPCRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com