Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 498 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 498 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 494Page - Renesas Technology Corp H8S/2111B Datasheet HTML 495Page - Renesas Technology Corp H8S/2111B Datasheet HTML 496Page - Renesas Technology Corp H8S/2111B Datasheet HTML 497Page - Renesas Technology Corp H8S/2111B Datasheet HTML 498Page - Renesas Technology Corp H8S/2111B Datasheet HTML 499Page - Renesas Technology Corp H8S/2111B Datasheet HTML 500Page - Renesas Technology Corp H8S/2111B Datasheet HTML 501Page - Renesas Technology Corp H8S/2111B Datasheet HTML 502Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 582 page
background image
Rev. 1.00, 05/04, page 464 of 544
20.1.1
Standby Control Register (SBYCR)
SBYCR controls power-down modes.
Bit
Bit Name
Initial
Value
R/W
Description
7
SSBY
0
R/W
Software Standby
Specifies the operating mode to be entered after
executing the SLEEP instruction.
When the SLEEP instruction is executed in high-speed
mode or medium-speed mode:
0: Shifts to sleep mode
1: Shifts to software standby mode, subactive mode, or
watch mode
When the SLEEP instruction is executed in subactive
mode:
0: Shifts to subsleep mode
1: Shifts to watch mode or high-speed mode
Note that the SSBY bit is not changed even if a mode
transition occurs by an interrupt.
6
5
4
STS2
STS1
STS0
0
0
0
R/W
R/W
R/W
Standby Timer Select 2 to 0
Selects the wait time for clock stabilization from clock
oscillation start when canceling software standby mode,
watch mode, or subactive mode. Select a wait time of 8
ms (oscillation stabilization time) or more, depending on
the operating frequency. Table 20.1 shows the
relationship between the STS2 to STS0 values and wait
time.
With an external clock, there are no specific wait
requirements. Normally the minimum value is
recommended.
3
0
R
Reserved
This bit is always read as 0, and cannot be modified.
2
1
0
SCK2
SCK1
SCK0
0
0
0
R/W
R/W
R/W
System Clock Select 2 to 0
Selects a clock for the bus master in high-speed mode
or medium-speed mode.
When making a transition to subactive mode or watch
mode, SCK2 to SCK0 must be cleared to 0.
000: High-speed mode
001: Medium-speed clock:
φ/2
010: Medium-speed clock:
φ/4
011: Medium-speed clock:
φ/8
100: Medium-speed clock:
φ/16
101: Medium-speed clock:
φ/32
11X: —
[Legend]
X:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com