Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 500 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 496Page - Renesas Technology Corp H8S/2111B Datasheet HTML 497Page - Renesas Technology Corp H8S/2111B Datasheet HTML 498Page - Renesas Technology Corp H8S/2111B Datasheet HTML 499Page - Renesas Technology Corp H8S/2111B Datasheet HTML 500Page - Renesas Technology Corp H8S/2111B Datasheet HTML 501Page - Renesas Technology Corp H8S/2111B Datasheet HTML 502Page - Renesas Technology Corp H8S/2111B Datasheet HTML 503Page - Renesas Technology Corp H8S/2111B Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 582 page
background image
Rev. 1.00, 05/04, page 466 of 544
Bit
Bit Name
Initial
Value
R/W
Description
6
LSON
0
R/W
Low-Speed On Flag
Specifies the operating mode to be entered after
executing the SLEEP instruction. This bit also controls
whether to shift to high-speed mode or subactive mode
when watch mode is cancelled.
When the SLEEP instruction is executed in high-speed
mode or medium-speed mode:
0: Shifts to sleep mode, software standby mode, or
watch mode
1: Shifts to watch mode or subactive mode
When the SLEEP instruction is executed in subactive
mode:
0: Shifts directly to watch mode or high-speed mode
1: Shifts to subsleep mode or watch mode
When watch mode is cancelled:
0: Shifts to high-speed mode
1: Shifts to subactive mode
5
NESEL
0
R/W
Noise Elimination Sampling Frequency Select
Selects the frequency by which the subclock (
φSUB)
input from the EXCL pin is sampled using the clock (
φ)
generated by the system clock pulse generator. Clear
this bit to 0 when
φ is 5 MHz or more.
0: Sampling using
φ/32 clock
1: Sampling using
φ/4 clock
4
EXCLE
0
R/W
Subclock Input Enable
Enables/disables subclock input from the EXCL pin.
0: Disables subclock input from the EXCL pin
1: Enables subclock input from the EXCL pin
3
0
R/W
Reserved
An undefined value is read from this bit. This bit should
not be set to 1.
2 to 0
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com