Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 502 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 502 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 498Page - Renesas Technology Corp H8S/2111B Datasheet HTML 499Page - Renesas Technology Corp H8S/2111B Datasheet HTML 500Page - Renesas Technology Corp H8S/2111B Datasheet HTML 501Page - Renesas Technology Corp H8S/2111B Datasheet HTML 502Page - Renesas Technology Corp H8S/2111B Datasheet HTML 503Page - Renesas Technology Corp H8S/2111B Datasheet HTML 504Page - Renesas Technology Corp H8S/2111B Datasheet HTML 505Page - Renesas Technology Corp H8S/2111B Datasheet HTML 506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 582 page
background image
Rev. 1.00, 05/04, page 468 of 544
20.2
Mode Transitions and LSI States
Figure 20.1 shows the enabled mode transition diagram. The mode transition from program
execution state to program halt state is performed by the SLEEP instruction. The mode transition
from program halt state to program execution state is performed by an interrupt. The
STBY input
causes a mode transition from any state to hardware standby mode. The
RES input causes a mode
transition from a state other than hardware standby mode to the reset state. Table 20.2 shows the
LSI internal states in each operating mode.
Program halt state
Program execution state
SCK2 to
SCK0 are
0
SCK2 to
SCK0 are
not 0
SLEEP instruction
SSBY = 1, PSS = 1,
DTON = 1, LSON = 1
Clock switching
exception handling
SLEEP instruction
SSBY = 1, PSS = 1,
DTON = 1, LSON = 0
After the oscillation
stabilization time
(STS2 to STS0), clock
switching exception
handling
SLEEP instruction
SLEEP
instruction
External
interrupt *3
Any interrupt
SLEEP
instruction
SLEEP
instruction
SLEEP instruction
Interrupt *1
LSON bit = 0
Interrupt *2
Interrupt *1
LSON bit = 1
STBY pin = High
RES pin = Low
STBY pin = Low
SSBY = 0, LSON = 0
SSBY = 1,
PSS = 0, LSON = 0
SSBY = 0,
PSS = 1, LSON = 1
SSBY = 1,
PSS = 1, DTON = 0
RES pin = High
: Transition after exception processing
: Power-down mode
Reset state
High-speed mode
(main clock)
Medium-speed
mode
(main clock)
Subactive mode
(subclock)
Subsleep mode
(subclock)
Hardware
standby mode
Software
standby mode
Sleep mode
(main clock)
Watch mode
(subclock)
Notes: 1.
2.
3.
NMI, IRQ0 to IRQ2, IRQ6, IRQ7, and WDT1 interrupts
NMI, IRQ0 to IRQ7, WDT0, WDT1, TMR0, and TMR1 interrupts
NMI, IRQ0 to IRQ2, IRQ6, and IRQ7 interrupts
• When a transition is made between modes by means of an interrupt, the transition cannot be made
on interrupt source generation alone. Ensure that interrupt handling is performed after accepting the
interrupt request.
• Always select high-speed mode before making a transition to watch mode or sub-active mode.
Figure 20.1 Mode Transition Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com