Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 518 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 518 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 514Page - Renesas Technology Corp H8S/2111B Datasheet HTML 515Page - Renesas Technology Corp H8S/2111B Datasheet HTML 516Page - Renesas Technology Corp H8S/2111B Datasheet HTML 517Page - Renesas Technology Corp H8S/2111B Datasheet HTML 518Page - Renesas Technology Corp H8S/2111B Datasheet HTML 519Page - Renesas Technology Corp H8S/2111B Datasheet HTML 520Page - Renesas Technology Corp H8S/2111B Datasheet HTML 521Page - Renesas Technology Corp H8S/2111B Datasheet HTML 522Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 582 page
background image
Rev. 1.00, 05/04, page 484 of 544
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Bus
Width
Number
of
Access
States
Low power control register
LPWRCR
8
H'FF85
SYSTEM
8
2
Module stop control register H
MSTPCRH
8
H'FF86
SYSTEM
8
2
Module stop control register L
MSTPCRL
8
H'FF87
SYSTEM
8
2
Serial mode register_1
SMR_1
8
H'FF88
SCI_1
8
2
I
2C bus control register_1
ICCR_1
8
H'FF88
IIC_1
8
2
Bit rate register_1
BRR_1
8
H'FF89
SCI_1
8
2
I
2C bus status register_1
ICSR_1
8
H'FF89
IIC_1
8
2
Serial control register_1
SCR_1
8
H'FF8A
SCI_1
8
2
Transmit data register_1
TDR_1
8
H'FF8B
SCI_1
8
2
Serial status register_1
SSR_1
8
H'FF8C
SCI_1
8
2
Receive data register_1
RDR_1
8
H'FF8D
SCI_1
8
2
Smart card mode register_1
SCMR_1
8
H'FF8E
SCI_1
8
2
I
2C bus data register_1
ICDR_1
8
H'FF8E
IIC_1
8
2
Second slave address register_1
SARX_1
8
H'FF8E
IIC_1
8
2
I
2C bus mode register_1
ICMR_1
8
H'FF8F
IIC_1
8
2
Slave address register_1
SAR_1
8
H'FF8F
IIC_1
8
2
Timer interrupt enable register
TIER
8
H'FF90
FRT
8
2
Timer control/status register
TCSR
8
H'FF91
FRT
8
2
Free running counter H
FRCH
8
H'FF92
FRT
8
2
Free running counter L
FRCL
8
H'FF93
FRT
8
2
Output control register AH
OCRAH
8
H'FF94
FRT
8
2
Output control register BH
OCRBH
8
H'FF94
FRT
8
2
Output control register AL
OCRAL
8
H'FF95
FRT
8
2
Output control register BL
OCRBL
8
H'FF95
FRT
8
2
Timer control register
TCR
8
H'FF96
FRT
8
2
Timer output compare control register TOCR
8
H'FF97
FRT
8
2
Input capture register AH
ICRAH
8
H'FF98
FRT
8
2
Output control register ARH
OCRARH
8
H'FF98
FRT
8
2
Input capture register AL
ICRAL
8
H'FF99
FRT
8
2
Output control register ARL
OCRARL
8
H'FF99
FRT
8
2
Input capture register BH
ICRBH
8
H'FF9A
FRT
8
2
Output control register AFH
OCRAFH
8
H'FF9A
FRT
8
2
Input capture register BL
ICRBL
8
H'FF9B
FRT
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com