Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 519 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 515Page - Renesas Technology Corp H8S/2111B Datasheet HTML 516Page - Renesas Technology Corp H8S/2111B Datasheet HTML 517Page - Renesas Technology Corp H8S/2111B Datasheet HTML 518Page - Renesas Technology Corp H8S/2111B Datasheet HTML 519Page - Renesas Technology Corp H8S/2111B Datasheet HTML 520Page - Renesas Technology Corp H8S/2111B Datasheet HTML 521Page - Renesas Technology Corp H8S/2111B Datasheet HTML 522Page - Renesas Technology Corp H8S/2111B Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 582 page
background image
Rev. 1.00, 05/04, page 485 of 544
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Bus
Width
Number
of
Access
States
Output control register AFL
OCRAFL
8
H'FF9B
FRT
8
2
Input capture register CH
ICRCH
8
H'FF9C
FRT
8
2
Output compare register DMH
OCRDMH
8
H'FF9C
FRT
8
2
Input capture register CL
ICRCL
8
H'FF9D
FRT
8
2
Output compare register DML
OCRDML
8
H'FF9D
FRT
8
2
Input capture register DH
ICRDH
8
H'FF9E
FRT
8
2
Input capture register DL
ICRDL
8
H'FF9F
FRT
8
2
Timer control/status register_0
TCSR_0
8
H'FFA8
WDT_0
8
2
Timer counter_0
TCNT_0
8
H'FFA8
(write)
WDT_0
8
2
Timer counter_0
TCNT_0
8
H'FFA9
(read)
WDT_0
8
2
Port A output data register
PAODR
8
H'FFAA
PORT
8
2
Port A input data register
PAPIN
8
H'FFAB
PORT
8
2
Port A data direction register
PADDR
8
H'FFAB
PORT
8
2
Port 1 pull-up MOS control register
P1PCR
8
H'FFAC
PORT
8
2
Port 2 pull-up MOS control register
P2PCR
8
H'FFAD
PORT
8
2
Port 3 pull-up MOS control register
P3PCR
8
H'FFAE
PORT
8
2
Port 1 data direction register
P1DDR
8
H'FFB0
PORT
8
2
Port 2 data direction register
P2DDR
8
H'FFB1
PORT
8
2
Port 1 data register
P1DR
8
H'FFB2
PORT
8
2
Port 2 data register
P2DR
8
H'FFB3
PORT
8
2
Port 3 data direction register
P3DDR
8
H'FFB4
PORT
8
2
Port 4 data direction register
P4DDR
8
H'FFB5
PORT
8
2
Port 3 data register
P3DR
8
H'FFB6
PORT
8
2
Port 4 data register
P4DR
8
H'FFB7
PORT
8
2
Port 5 data direction register
P5DDR
8
H'FFB8
PORT
8
2
Port 6 data direction register
P6DDR
8
H'FFB9
PORT
8
2
Port 5 data register
P5DR
8
H'FFBA
PORT
8
2
Port 6 data register
P6DR
8
H'FFBB
PORT
8
2
Port B output data register
PBODR
8
H'FFBC
PORT
8
2
Port B input data register
PBPIN
8
H'FFBD
(read)
PORT
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com