Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 520 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 516Page - Renesas Technology Corp H8S/2111B Datasheet HTML 517Page - Renesas Technology Corp H8S/2111B Datasheet HTML 518Page - Renesas Technology Corp H8S/2111B Datasheet HTML 519Page - Renesas Technology Corp H8S/2111B Datasheet HTML 520Page - Renesas Technology Corp H8S/2111B Datasheet HTML 521Page - Renesas Technology Corp H8S/2111B Datasheet HTML 522Page - Renesas Technology Corp H8S/2111B Datasheet HTML 523Page - Renesas Technology Corp H8S/2111B Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 582 page
background image
Rev. 1.00, 05/04, page 486 of 544
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Bus
Width
Number
of
Access
States
Port 8 data direction register
P8DDR
8
H'FFBD
(write)
PORT
8
2
Port 7 input data register
P7PIN
8
H'FFBE
(read)
PORT
8
2
Port B data direction register
PBDDR
8
H'FFBE
(write)
PORT
8
2
Port 8 data register
P8DR
8
H'FFBF
PORT
8
2
Port 9 data direction register
P9DDR
8
H'FFC0
PORT
8
2
Port 9 data register
P9DR
8
H'FFC1
PORT
8
2
Interrupt enable register
IER
8
H'FFC2
INT
8
2
Serial timer control register
STCR
8
H'FFC3
SYSTEM
8
2
System control register
SYSCR
8
H'FFC4
SYSTEM
8
2
Mode control register
MDCR
8
H'FFC5
SYSTEM
8
2
Bus control register
BCR
8
H'FFC6
BSC
8
2
Wait state control register
WSCR
8
H'FFC7
BSC
8
2
Timer control register_0
TCR_0
8
H'FFC8
TMR_0
8
2
Timer control register_1
TCR_1
8
H'FFC9
TMR_1
8
2
Timer control/status register_0
TCSR_0
8
H'FFCA
TMR_0
8
2
Timer control/status register_1
TCSR_1
8
H'FFCB
TMR_1
16
2
Time constant register A_0
TCORA_0
8
H'FFCC
TMR_0
16
2
Time constant register A_1
TCORA_1
8
H'FFCD
TMR_1
16
2
Time constant register B_0
TCORB_0
8
H'FFCE
TMR_0
16
2
Time constant register B_1
TCORB_1
8
H'FFCF
TMR_1
16
2
Timer counter_0
TCNT_0
8
H'FFD0
TMR_0
16
2
Timer counter_1
TCNT_1
8
H'FFD1
TMR_1
16
2
PWM output enable register A
PWOERA
8
H'FFD3
PWM
8
2
PWM data polarity register A
PWDPRA
8
H'FFD5
PWM
8
2
PWM register select
PWSL
8
H'FFD6
PWM
8
2
PWM data registers 0 to 7
PWDR0 to
PWDR7
8
H'FFD7
PWM
8
2
I
2C bus control register_0
ICCR_0
8
H'FFD8
IIC_0
8
2
I
2C bus status register_0
ICSR_0
8
H'FFD9
IIC_0
8
2
I
2C bus data register_0
ICDR_0
8
H'FFDE
IIC_0
8
2
Second slave address register_0
SARX_0
8
H'FFDE
IIC_0
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com